sp-cap/ conductive polymer aluminum capacito rs (specialty polymer aluminum capacitors) design and speci ? cations are each subject to change without notice. ask factory for the current technical speci ? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C eef-16 C cap. polarity bar (positive) r.v. code lot no. w2 w1 l p w2 p h + C [our requests] since this series is old, we don't recommend you to adopt it but cx & sx series for your new design. features low esr excellent noise-ab sor bent characteristics rohs directive compliant surface mount type series: fd, cd, ud, ue speci cations di men sions in mm(not to scale) marking series & size code l0.2 w10.2 w20.1 h p0.3 fd 7.3 4.3 2.4 1.10.1 1.3 cd 7.3 4.3 2.4 1.80.1 1.3 ud 7.3 4.3 2.4 2.80.2 1.3 ue 7.3 4.3 2.4 4.20.1 1.3 (unit : mm) externals of ? gure are the reference. series & size code fd cd ud ue category temp. range C40 c to +105 c rated voltage range 2 v.dc to 12.5 v.dc 2 v.dc to 16 v.dc 2 v.dc to 8 v.dc 2 v.dc to 8 v.dc nominal cap.range 15 f to 68 f 2.2 f to 220 f 68 f to 470 f 100 f to 560 f capacitance tolerance 20 % dc leakage cur rent re? ow 240 c : i < 0.06 cv (a) 2minutes (2 v.dc to 4 v.dc) i < 0.04 cv or 3 (a) 2 minutes (6.3 v.dc to 16 v.dc) (whichever is greater) re? ow 260 c : i < 0.1 cv (a) 2 minutes tan d < 0.06 (120 hz/+20 c) < 0.10 (120 hz/+20 c) surge voltage rated voltage 1.25 (15 c to 35 c) endurance after applying rated voltage for 1000 hours at 105 c2 c, and then being stabilized at +20 c, capacitor shall meet the following limits. capacitance change 10% of initial measured value tan d < initial speci? ed value dc leakage cur rent < initial speci? ed value moisture resistance after storing for 500 hours at 60 c, 90 % capacitance change of initial measurd val ue 2, 2.5 v.dc 4 v.dc 6.3 v.dc 8 v.dc to 16 v.dc +70, C20 % +60, C20 % +50, C20 % +40, C20 % tan d < 200 % of initial speci? ed value dc leakage current < initial speci? ed value old series 02 mar. 2015 downloaded from: http:///
sp-cap/ conductive polymer aluminum capacito rs (specialty polymer aluminum capacitors) design and speci ? cations are each subject to change without notice. ask factory for the current technical speci ? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C eef-17 C standard products 1: ripple current (100 khz/ +20 to +105 c ), 2: esr (100 khz/+20 c) 3: please refer to the page of mounting speci? cations. 4: please contact panasonic for details of allowable 240 c re? ow condition. series & size code rated voltage (v.dc) capaci- tance (20 %) (f) case size speci? cation part number re? ow min. packaging qty (pcs) l (mm) w (mm) h (mm) 1 ripple current (ar.m.s.) 2 esr (m max.) 4 240 c 260 c fd 2 68 7.3 4.3 1.1 2.0 28 eeffd0d680r ? 3500 2.5 56 7.3 4.3 1.1 2.0 28 eeffd0e560r ? 3500 4 39 7.3 4.3 1.1 2.0 28 eeffd0g390r ? 3500 47 7.3 4.3 1.1 2.0 28 eeffd0g470r ? 3500 6.3 33 7.3 4.3 1.1 2.0 28 eeffd0j330r ? 3500 8 22 7.3 4.3 1.1 2.0 28 eeffd0k220r ? 3500 12.5 15 7.3 4.3 1.1 1.4 40 eeffd1b150r ? 3500 cd 2 100 7.3 4.3 1.8 2.5 18 eefcd0d101er ? 3500 7.3 4.3 1.8 2.7 15 eefcd0d101xe ? 3500 120 7.3 4.3 1.8 2.5 18 eefcd0d121er ? 3500 7.3 4.3 1.8 2.7 15 eefcd0d121xe ? 3500 150 7.3 4.3 1.8 2.5 18 eefcd0d151er ? 3500 180 7.3 4.3 1.8 2.5 18 eefcd0d181er ? 3500 220 7.3 4.3 1.8 2.5 18 eefcd0d221er ? 3500 2.5 82 7.3 4.3 1.8 2.5 18 eefcd0e820er ? 3500 7.3 4.3 1.8 2.7 15 eefcd0e820xe ? 3500 100 7.3 4.3 1.8 2.5 18 eefcd0e101er ? 3500 7.3 4.3 1.8 2.7 15 eefcd0e101xe ? 3500 120 7.3 4.3 1.8 2.5 18 eefcd0e121er ? 3500 150 7.3 4.3 1.8 2.5 18 eefcd0e151er ? 3500 4 56 7.3 4.3 1.8 2.5 18 eefcd0g560er ? 3500 7.3 4.3 1.8 2.7 15 eefcd0g560xe ? 3500 68 7.3 4.3 1.8 2.5 18 eefcd0g680er ? 3500 7.3 4.3 1.8 2.7 15 eefcd0g680xe ? 3500 82 7.3 4.3 1.8 2.5 18 eefcd0g820er ? 3500 7.3 4.3 1.8 2.7 15 eefcd0g820xe ? 3500 100 7.3 4.3 1.8 2.5 18 eefcd0g101er ? 3500 6.3 10 7.3 4.3 1.8 1.4 55 eefcd0j100er ? 3500 22 7.3 4.3 1.8 1.6 40 eefcd0j220er ? 3500 33 7.3 4.3 1.8 2.0 28 eefcd0j330er ? 3500 47 7.3 4.3 1.8 2.5 18 eefcd0j470er ? 3500 7.3 4.3 1.8 2.7 15 eefcd0j470xe ? 3500 68 7.3 4.3 1.8 2.5 18 eefcd0j680er ? 3500 7.3 4.3 1.8 2.7 15 eefcd0j680xe ? 3500 8 8.2 7.3 4.3 1.8 1.4 55 eefcd0k8r2er ? 3500 15 7.3 4.3 1.8 1.6 40 eefcd0k150er ? 3500 22 7.3 4.3 1.8 2.0 28 eefcd0k220er ? 3500 33 7.3 4.3 1.8 2.5 18 eefcd0k330er ? 3500 47 7.3 4.3 1.8 1.8 25 eefcd0k470er ? 3500 10 22 7.3 4.3 1.8 1.6 30 eefcd1a220er ? 3500 33 7.3 4.3 1.8 1.8 25 eefcd1a330er ? 3500 39 7.3 4.3 1.8 1.8 25 eefcd1a390er ? 3500 12.5 4.7 7.3 4.3 1.8 1.0 80 eefcd1b4r7r ? 3500 10 7.3 4.3 1.8 1.0 60 eefcd1b100r ? 3500 15 7.3 4.3 1.8 1.3 50 eefcd1b150r ? 3500 22 7.3 4.3 1.8 1.6 30 eefcd1b220r ? 3500 16 2.2 7.3 4.3 1.8 1.0 110 eefcd1c2r2r ? 3500 4.7 7.3 4.3 1.8 1.0 80 eefcd1c4r7r ? 3500 6.8 7.3 4.3 1.8 1.0 70 eefcd1c6r8r ? 3500 8.2 7.3 4.3 1.8 1.3 45 eefcd1c8r2r ? 3500 ud 2 330 7.3 4.3 2.8 3.0 15 eefud0d331er ? 2000 7.3 4.3 2.8 3.3 12 eefud0d331xe ? 2000 7.3 4.3 2.8 3.4 9 eefud0d331le ? 2000 390 7.3 4.3 2.8 3.0 15 eefud0d391er ? 2000 7.3 4.3 2.8 3.4 9 eefud0d391le ? 2000 470 7.3 4.3 2.8 3.4 9 eefud0d471le ? 2000 2.5 220 7.3 4.3 2.8 3.0 15 eefud0e221er ? 2000 7.3 4.3 2.8 3.3 12 eefud0e221xe ? 2000 7.3 4.3 2.8 3.4 9 eefud0e221le ? 2000 270 7.3 4.3 2.8 3.0 15 eefud0e271er ? 2000 7.3 4.3 2.8 3.4 9 eefud0e271le ? 2000 reflow <260 c> 02 mar. 2015 downloaded from: http:///
sp-cap/ conductive polymer aluminum capacito rs (specialty polymer aluminum capacitors) design and speci ? cations are each subject to change without notice. ask factory for the current technical speci ? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C eef-18 C standard products series & size code rated voltage (v.dc) capaci- tance (20 %) (f) case size speci? cation part number re? ow min. packaging qty (pcs) l (mm) w (mm) h (mm) 1 ripple current (ar.m.s.) 2 esr (m max.) 4 240 c 260 c ud 4 120 7.3 4.3 2.8 3.0 15 eefud0g121er ? 2000 7.3 4.3 2.8 3.4 12 eefud0g121xe ? 2000 150 7.3 4.3 2.8 3.0 15 eefud0g151er ? 2000 7.3 4.3 2.8 3.3 12 eefud0g151xe ? 2000 7.3 4.3 2.8 3.4 9 eefud0g151le ? 2000 180 7.3 4.3 2.8 2.5 18 eefud0g181er ? 2000 7.3 4.3 2.8 3.4 9 eefud0g181le ? 2000 6.3 100 7.3 4.3 2.8 3.0 15 eefud0j101er ? 2000 7.3 4.3 2.8 3.3 12 eefud0j101xe ? 2000 120 7.3 4.3 2.8 3.0 15 eefud0j121er ? 2000 7.3 4.3 2.8 3.3 12 eefud0j121xe ? 2000 7.3 4.3 2.8 3.4 9 eefud0j121lr ? 2000 150 7.3 4.3 2.8 2.5 18 eefud0j151er ? 2000 7.3 4.3 2.8 3.4 9 eefud0j151lr ? 2000 8 68 7.3 4.3 2.8 3.0 15 eefud0k680er ? 2000 100 7.3 4.3 2.8 2.5 18 eefud0k101er ? 2000 ue 2 270 7.3 4.3 4.2 3.3 12 eefue0d271er ? 2000 7.3 4.3 4.2 3.5 10 EEFUE0D271XE ? 2000 330 7.3 4.3 4.2 3.3 12 eefue0d331er ? 2000 7.3 4.3 4.2 3.5 10 eefue0d331xe ? 2000 390 7.3 4.3 4.2 3.3 12 eefue0d391er ? 2000 7.3 4.3 4.2 3.5 10 eefue0d391xe ? 2000 7.3 4.3 4.2 3.7 7 eefue0d391le ? 2000 470 7.3 4.3 4.2 3.3 12 eefue0d471er ? 2000 7.3 4.3 4.2 3.5 10 eefue0d471xe ? 2000 7.3 4.3 4.2 3.7 7 eefue0d471le ? 2000 560 7.3 4.3 4.2 3.3 12 eefue0d561er ? 2000 7.3 4.3 4.2 3.7 7 eefue0d561le ? 2000 2.5 220 7.3 4.3 4.2 3.3 12 eefue0e221er ? 2000 7.3 4.3 4.2 3.5 10 eefue0e221xe ? 2000 270 7.3 4.3 4.2 3.3 12 eefue0e271er ? 2000 7.3 4.3 4.2 3.5 10 eefue0e271xe ? 2000 330 7.3 4.3 4.2 3.3 12 eefue0e331er ? 2000 7.3 4.3 4.2 3.5 10 eefue0e331xe ? 2000 7.3 4.3 4.2 3.7 7 eefue0e331le ? 2000 390 7.3 4.3 4.2 3.3 12 eefue0e391er ? 2000 7.3 4.3 4.2 3.7 7 eefue0e391le ? 2000 470 7.3 4.3 4.2 3.3 12 eefue0e471er ? 2000 7.3 4.3 4.2 3.7 7 eefue0e471le ? 2000 4 180 7.3 4.3 4.2 3.3 12 eefue0g181er ? 2000 7.3 4.3 4.2 3.5 10 eefue0g181xe ? 2000 220 7.3 4.3 4.2 3.3 12 eefue0g221er ? 2000 7.3 4.3 4.2 3.5 10 eefue0g221xe ? 2000 7.3 4.3 4.2 3.7 7 eefue0g221le ? 2000 270 7.3 4.3 4.2 3.3 12 eefue0g271er ? 2000 7.3 4.3 4.2 3.7 7 eefue0g271le ? 2000 330 7.3 4.3 4.2 3.3 12 eefue0g331er ? 2000 6.3 150 7.3 4.3 4.2 3.3 12 eefue0j151er ? 2000 7.3 4.3 4.2 3.5 10 eefue0j151xe ? 2000 180 7.3 4.3 4.2 3.3 12 eefue0j181er ? 2000 7.3 4.3 4.2 3.5 10 eefue0j181xe ? 2000 7.3 4.3 4.2 3.7 7 eefue0j181lr ? 2000 220 7.3 4.3 4.2 3.0 15 eefue0j221er ? 2000 7.3 4.3 4.2 3.7 7 eefue0j221lr ? 2000 8 100 7.3 4.3 4.2 3.3 12 eefue0k101er ? 2000 150 7.3 4.3 4.2 3.0 15 eefue0k151er ? 2000 1: ripple current (100 khz/ +20 to +105 c ), 2: esr (100 khz/+20 c) 3: please refer to the page of mounting speci? cations. 4: please contact panasonic for details of allowable 240 c re? ow condition. reflow <260 c> 02 mar. 2015 downloaded from: http:///
|